PART |
Description |
Maker |
PE15A1007 |
2.5 dB NF, 16 dBm, 0.009 MHz to 3 GHz, Low Noise Amplifier
|
Pasternack Enterprises, Inc.
|
PE15A1008 |
23 dBm IP3, 1.6 dB NF, 13 dBm, 20 MHz to 3 GHz, Low Noise Amplifier
|
Pasternack Enterprises, Inc.
|
DAS6101 |
100 MHz - 6000 MHz RF/MICROWAVE LINEAR DETECTOR, 14 dBm INPUT POWER-MAX
|
TELEDYNE COUGAR INC
|
DAS8121 |
500 MHz - 8000 MHz RF/MICROWAVE LINEAR DETECTOR, 14 dBm INPUT POWER-MAX
|
TELEDYNE COUGAR INC
|
CMM0330-AK-000T CMM0330 CMM0330-AK |
824 to 928 MHz, 3 V, 30.5 dBm multi-mode power amplifier From old datasheet system 824 to 928 MHz 3V, 30.5 dBm Multi-Mode Power Amplifier 824928兆赫3V的,30.5 dBm的多模功率放大器
|
CELERITEK List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
ACTP-1795PM61-RC |
18000 MHz - 40000 MHz RF/MICROWAVE THRESHOLD DETECTOR, 14 dBm INPUT POWER-MAX ROHS COMPLIANT, CASE M61, 2 PIN
|
Method Electronics, Inc.
|
STP120NF10 STB120NF10 STB120NF10T4 |
N-CHANNEL 100V - 0.009 OHM - 120A D2PAK/TO-220 STRIPFET II POWER MOSFET N-CHANNEL 100V - 0.009 W - 120A D2PAK/TO-220 STripFET II POWER MOSFET N-CHANNEL 100V - 0.009 W - 120A DPAK/TO-220 STripFET II POWER MOSFET N沟道100V 0.009 120A条DPAK/TO-220 STripFET二功率MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
CFK2062-P3 CFK2062-P3-000T |
1.8 to 2.0 GHz 30 dBm Power GaAs FET 1800 MHz - 2000 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
SIEMENS AG Mimix Broadband, Inc.
|
ZX05-1-S ZX05-1 ZX05-1_ |
Level 7 (LO Power 7 dBm) 0.5 to 500 MHz
|
MINI[Mini-Circuits]
|
TA001-010-24-27 |
50 ~ 1000 MHz 27 dBm Power Amplifier
|
Transcom, Inc.
|
RMS-30 |
Level 7 (LO Power 7 dBm) 200 to 3000 MHz
|
Mini-Circuits
|